PART |
Description |
Maker |
XCS30 XCS10-3BG256C XCS10-3BG256I XCS10-3CS144C XC |
Available in both 5V and 3.3V versions FPGA, 576 CLBS, 10000 GATES, 125 MHz, PQFP100 FPGA, 576 CLBS, 10000 GATES, 166 MHz, PQFP144 FPGA, 784 CLBS, 13000 GATES, 125 MHz, PQFP208 FPGA, 784 CLBS, 13000 GATES, 166 MHz, PQFP240 XCS40XL-4PQ240C - NOT RECOMMENDED for NEW DESIGN FPGA, 784 CLBS, 13000 GATES, 217 MHz, PQFP240 Spartan and Spartan-XL FPGA Families Data Sheet Full readback capability for program verification
|
XILINX INC Xilinx, Inc. http://
|
HER7G HER1G HER2G HER3G HER4G HER5G HER6G |
13000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN MINIATURE HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
|
GOOD-ARK[GOOD-ARK Electronics]
|
HMC424LH509 |
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz 0 MHz - 13000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 4.7 dB INSERTION LOSS-MAX
|
Hittite Microwave Corporation Hittite Microwave Corporati...
|
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
XC4028XLA-9BG352C XC4013XLA-9BG256C XC4020XLA-9BG2 |
FPGA, 1024 CLBS, 18000 GATES, 227 MHz, PBGA352 FPGA, 576 CLBS, 10000 GATES, 227 MHz, PBGA256 FPGA, 784 CLBS, 13000 GATES, 227 MHz, PBGA256 FPGA, 4096 CLBS, 75000 GATES, 250 MHz, PBGA432
|
XILINX INC
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
FDS8926A |
Dual N-Channel Enhancement Mode Field Effect Transistor 5.5 A, 30 V, 0.03 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
|